Part Number Hot Search : 
CSS1013S SA101 20N06 PP80N0 74107 D4538BC SMV3300A TR300
Product Description
Full Text Search
 

To Download ELM13406CA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
www..com
15 10V 12 6V 4V 4.5V
10
8
Vds=5V
Id (A)
3.5V 6 Vgs=3V
Id(A)
4 125C 2
9
6
3
25C
0 0 1 2 3 4 5 Vds (Volts) Fig 1: On-Region Characteristics 100 90
0 1.5 2 2.5 3 3.5 4 4.5 5 Vgs(Volts) Figure 2: Transfer Characteristics 1.8
Normalized On-Resistance
Id=3.6A 1.6 1.4 1.2 1 0.8 Vgs=4.5V Vgs=10V
Rds(on) (m:)
80 70 60 50 40 0 2 4 6
Vgs=4.5V
Vgs=10V 8 10
0
25
50
75
100
125
150
175
Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
www..com
200 Id=3.6A 150 1.0E+01 1.0E+00 1.0E-01
125
Rds(on) (m:)
Is (A)
100
125C
1.0E-02 25 1.0E-03
50
25C 1.0E-04
0 2 4 6 8 10 Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage
1.0E-05 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Vsd (Volts) Figure 6: Body-Diode Characteristics
10 Vds=15V Id=3.6A 8
400 Ciss
6
Capacitance (pF)
300
Vgs (Volts)
200 Coss Crss 100
4
2
0 0 1 2 3 4 5 6 7 Qg (nC) Figure 7: Gate-Charge Characteristics
0 0 5 10 15 20 25 30 Vds (Volts) Figure 8: Capacitance Characteristics
100.0 Tj(max)=150C Ta=25C 10.0 Rds(on) limited 10Ps 1ms 0.1s 10ms 1.0 1s 10s DC 0.1 0.1 1 Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
20 Tj(max)=150C Ta=25C 15
Id (Amps)
Power (W)
100Ps
10
5
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
www..com
10 D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=90C/W In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
ZTja Normalized Transient Thermal Resistance
1
0.1
Pd Ton T Single Pulse
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM13406CA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X